PART |
Description |
Maker |
HPT |
CONTACTOR 60 AMP
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
SIB765170 |
AC Semiconductor Contactor
|
celduc-relais
|
EV200P4ANA |
Latching Contactor
|
TE
|
SIB865170 |
AC Semiconductor Contactor
|
celduc-relais
|
FM200ABYXY FM200BBYXY FM200CBYXY FM200DBYXY FM200E |
KILOVAC FM200 (隆掳FLATMAN隆卤) Series 1-, 2- or 3-pole Contactor With Contacts Rated 200 Amps, 480Vac (50/60 Hz. ) or 48Vdc KILOVAC FM200 (??LATMAN?? Series 1-, 2- or 3-pole Contactor With Contacts Rated 200 Amps, 480Vac (50/60 Hz. ) or 48Vdc KILOVAC FM200 (“FLATMAN? Series 1-, 2- or 3-pole Contactor With Contacts Rated 200 Amps, 480Vac (50/60 Hz. ) or 48Vdc
|
Tyco Electronics
|
SAL942460 |
Power Solid State Contactor
|
celduc-relais
|
LADN10 |
CONTACTOR AUXILIARY CONTACT BLOCK IEC
|
List of Unclassifed Manufacturers
|
CAP200AJANA CAP200HJANA CAP200AJANC CAP200HJANC CA |
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
|
Tyco Electronics
|
3RF2310-1AA04 |
SEMICOND. CONTACTOR 3RF2, 1-PH. AC 51 10 A 40 DEGREES C 48-460 V / 24 V DC SCREW TERMINAL
|
Siemens Semiconductor G...
|
LC1D18U7 |
Contactor (TeSys D) Non-Reversing, 18A(AC3) 32A(AC1), 3-Pole (3 NO)
|
List of Unclassifed Manufac...
|
SIM865970 |
AC Semiconductor Contactor pitch 45mm compact size and DIN rail mounting.
|
celduc-relais
|
SIL865770 |
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
|
celduc-relais
|